PART |
Description |
Maker |
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
G5699 |
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
MP2364 MP2364DS MP2364DF EV2364DF-01A |
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
|
MPS[Monolithic Power Systems]
|
LTC3615 LTC3615EFE-PBF LTC3615EFE-TRPBF LTC3615EUF |
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MP2364DF EV2364DF-01A |
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
|
Monolithic Power System... MPS[Monolithic Power Systems]
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
EV2364DF-01A |
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board 1.5A的,3V1.4MHz的双降压转换器评估板
|
Monolithic Power Systems, Inc.
|
LT1611 LT1611CS5 LT1611-15 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Inverting 1.4MHz Switching Regulator in SOT-23
|
LINER[Linear Technology]
|
MP2560DQ MP2560DN |
2.5A, 4MHz, 42V Step-Down Converter
|
Monolithic Power Systems
|
MP2351DQ-LF-P MP2351DK-LF-Z MP2351DK-LF-P |
1.5A, 23V, 1.4MHz Step-Down Converter
|
MPS Industries, Inc.
|